PART |
Description |
Maker |
C1099-ALD C1099-ALB |
PoE transformer, for MAX5941A, SMT, RoHS SMPS TRANSFORMER Flyback Transformer
|
Coilcraft, Inc. Coilcraft lnc.
|
EPC3492G-LF |
25W PoE Flyback Transformer
|
PCA ELECTRONICS INC.
|
EPC3492G-LF EPC3492G-LF12 |
25W PoE Applications Flyback Transformer
|
PCA ELECTRONICS INC.
|
C1591-AL C1592-AL C1591-ALB C1590-ALB C1592-ALD |
Flyback Transformers PoE transformer, for NSC LM5070, 5V, SMT, RoHS 3 W, SMPS TRANSFORMER PoE transformer, for NSC LM5070, 3.3V, SMT, RoHS 3 W, SMPS TRANSFORMER PoE transformer, for NSC LM5070, 12V, SMT, RoHS 3 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
C1023-ALD |
PoE transformer, for NSC LM5070, 3.3V, SMT, RoHS 13 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
EVALPM8803-FLY |
EVALPM8803-FLY: IEEE802.3at compliant demonstration kit with synchronous flyback PoE converter
|
STMicroelectronics
|
MP8007 EV8007-V-00A |
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
|
Monolithic Power System...
|
HA3801-AL HA3802-AL HA3803-AL HA3801-ALB HA3801-AL |
Flyback Transformers Transformer, for TI TPS23753, SMT, RoHS 10 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
FGP-2412-16 |
26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE , 24 PoE Outputs, 480W
|
Level One
|
MP8008GV EV8008-V-00A |
Fully-Integrated IEEE 802.3af/at-Compliant PoE PD Interface with Peak Current Mode Flyback Controller Evaluation Board
|
Monolithic Power System...
|
XF1276A-EP13S |
POE Transformer
|
XFMRS Inc.
|